Part Number Hot Search : 
2SK2363 N101K DA120 1W10G C358C MAX4623 ADC0403 SLA602
Product Description
Full Text Search
 

To Download SM5817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM5817 thru SM5819
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS FEATURES
Metal-Semiconductor junction with gard ring Epitaxial construction Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0 For use in low vlotage, high frequency inverters,
REVERSE VOLTAGE - 20 to 40 Volts FORWARD CURRENT - 1.0 Amperes SMA
.062(1.60) .055(1.40)
.114(2.90) .098(2.50)
free wheeling, and polarity protection applications
.181(4.60) .157(4.00) .012(.305) .006(.152) .103(2.62) .079(2.00)
MECHANICAL DATA
Case Molded Plastic Polarity: lndicated by cathode band Weight: 0.002 ounces,0.064 grams
.060(1.52) .030(0.76)
.208(5.28) .188(4.80)
.008(.203) .002(.051)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Maximum Forward Voltage at 1.0A DC Maximum Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Bolcking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TA =75
SYMBOL VRRM VRMS VDC I(AV)
SM5817 20 14 20
SM5818 30 21 30 1.0
SM5819 40 28 40
UNIT V V V A
IFSM VF VF IR CJ RJA TJ TSTG 0.450 0.750
40 0.550 0.875 1.0 10 110 80 -55 to +150 -55 to +150 0.600 0.900
A V V mA pF /W
NOTES: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance junction to ambient,
~ 153 ~
RATING AND CHARACTERTIC CURVES SM5817 thru SM5819
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT FIG. 1 - FORWARD CURRENT DERATING CURVE 1.00 AVERAGE FORWARD CURRENT AMPERES PEAK FORWARD SURGE CURRENT, (AMPERES 40
0.75
30
0.5
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
20
0.25
10
PULSE WIDTH 8.3mS SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 25 50 75 100 125 150 175
0 1 2 5 10 20 50 100
AMBIENT TEMPERATURE
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 1000 INSTANTANEOUS FORWARD CURRENT, (A) 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
1N5817
CAPACITANCE, (pF)
100
1N5818
1N5819
1.0
TJ= 25C f = 1 MHz
TJ = 25C PULSE WIDTH 300us
1 1 4 10 100
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2
REVERSE VOLTAGE, (VOLTS)
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
~ 154 ~


▲Up To Search▲   

 
Price & Availability of SM5817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X